Part Number Hot Search : 
BD48L42G 5225B SOP12 1PD501 2SD188 DS28E15 402ZD10 7687M00
Product Description
Full Text Search
 

To Download SM5818 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MELF Schottky Barrier Diodes
SM5817 THRU SM5819
Silicon epitaxial planer type
Formosa MS
SM-1
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-O Utilizing Flame Retardant Epoxy M olding Compound. For surface mounted applications.
.205(5.2) .190(4.8) .024(.60) .018(.46)
SOLDERABLE ENDS
Exceeds environmental standards of MIL-S-19500 / 228 Low leakage current.
.105(2.7) .095(2.4)
Mechanical data
Case : Molded plastic, SM-1 (MELF) Terminals : Solder plated, solderable per MIL-STD-750, Method 2026 Polarity : Indicated by c athode band Mounting P osition : Any Weight : 0.015 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (AT TA=25oC unless otherwise noted)
PARAMETER Forward rectified current Forward surge current See Fig.2 8.3ms single half sine-wave superimposed on rate load (JEDEC methode) VR = VRRM TA = 25o C CONDITIONS Symbol IO IFSM MIN. TYP. MAX. 1.0 25 1.0 10 Rq JA CJ TSTG -55 80 110 +150
o
UNIT A A mA mA C/w pF
o
Reverse current Thermal resistance Diode junction capacitance Storage temperature
VR = VRRM TA = 100o C Junction to ambient f=1MHz and applied 4vDC reverse voltage
IR
C
SYMBOLS
MARKING CODE -
V RRM
(V)
*1
V RMS
(V) 14 21 28
*2
VR
*3
VF
*4
Operating temperature ( o C)
*1 Repetitive peak reverse voltage *2 RMS voltage
(V) 20 30 40
(V) 0.45 0.55 0.60
SM5817 SM5818 SM5819
20 30 40
-55 to +125
*3 Continuous reverse voltage *4 Maximum forward voltage
RATING AND CHARACTERISTIC CURVES (SM5817 THRU SM5819)
FIG.1-TYPICAL FORWARD CHARACTERISTICS
AVERAGE FORWARD CURRENT,(A)
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
50
INSTANTANEOUS FORWARD CURRENT,(A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120 140 160 180 200
Single Phase Half Wave 60Hz Resistive Or Inductive Load
10
SM 58
1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
SM 58
3.0
18
~S M 58
17
19
AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWAARD SURGE CURRENT,(A)
25
0.1
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
20
FORWARD VOLT AGE,(V)
15
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
10
5
FIG.3 - TYPICAL REVERSE CHARACTERISTICS 100
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
REVERSE LEAKAGE CURRENT, (mA)
10
350 300 250 200 150 100 50 0
FIG.5-TYPICAL JUNCTION CAPACITANCE
1.0
Tj=75 C
.1
Tj=25 C
.01 0
JUNCTION CAPACITANCE,(pF)
.01
.05
.1
.5
1
5
10
50
100
20
40
60
80
100 120 140
REVERSE VOLTAGE,(V)
PERCENTAGE RATED PEAK REVERSE VOL TAGE


▲Up To Search▲   

 
Price & Availability of SM5818

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X